Part Number Hot Search : 
2363C SKKH91 IRFP9140 TLRH160 HC5242 LTC4210 86BC2 2N5323
Product Description
Full Text Search
 

To Download 2SB1218AW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bl galaxy electrical production specification pnp silicon epitaxial planar transistor 2SB1218AW document number: bl/ssstf034 www.galaxycn.com rev.a 1 features z high forward current transfer ratio h fe z excellent h fe linearity. z complements the 2sd1819a. applications z for general purpose amplification. sot-323 ordering information type no. marking package code 2SB1218AW bq1/br1/bs1 sot-323 maximum rating @ ta=25 unless otherwise specified symbol parameter value units v cbo collector-base voltage -45 v v ceo collector-emitter voltage -45 v v ebo emitter-base voltage -7 v i c collector current -continuous -200 ma p c collector dissipation 150 mw t j, t stg junction and storage temperature -55~150 pb lead-free
bl galaxy electrical production specification pnp silicon epitaxial planar transistor 2SB1218AW document number: bl/ssstf034 www.galaxycn.com rev.a 2 electrical characteristics @ ta=25 unless otherwise specified parameter symbol test conditions min typ max unit collector-base breakdown voltage v (br)cbo i c =-10 a,i e =0 -45 v collector-emitter breakdown voltage v (br)ceo i c =-2ma,i b =0 -45 v emitter-base breakdown voltage v (br)ebo i e =-10 a,i c =0 -7 v collector cut-off current i cbo v cb =-20v,i e =0 -0.1 a collector cut-off current i ceo v cb =-10v,i b =0 -100 a dc current gain h fe v ce =-10v,i c =-2ma 160 460 collector-emitter saturation voltage v ce(sat) i c =-100ma, i b =-10ma -0.3 -0.5 v transition frequency f t v cb =-10v, i e =1ma f=200mhz 80 mhz collector output capacitance c ob v cb =-10v,i e =0,f=1mhz 2.7 pf classificantion of h fe rank q r s range 160-260 210-340 290-460 marking bq br bs typical characteristics @ ta=25 unless otherwise specified
bl galaxy electrical production specification pnp silicon epitaxial planar transistor 2SB1218AW document number: bl/ssstf034 www.galaxycn.com rev.a 3
bl galaxy electrical production specification pnp silicon epitaxial planar transistor 2SB1218AW document number: bl/ssstf034 www.galaxycn.com rev.a 4 package outline plastic surface mounted package sot-323 package information device package shipping 2SB1218AW sot-323 3000/tape&reel sot-323 dim min max a 1.8 2.2 b 1.15 1.35 c 1.0typical d 0.15 0.35 e 0.25 0.40 g 1.2 1.4 h 0.02 0.1 j 0.1typical k 2.1 2.3 all dimensions in mm


▲Up To Search▲   

 
Price & Availability of 2SB1218AW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X